PART |
Description |
Maker |
PC1000110-24 PC1400110-24 PC1000110-28 PC1400110-2 |
1000-2000 WATTS DC/DC SINGLE
|
Powerbox
|
TDC-10-1 TDC-10-2 TDC-6-1 PDC-10-1 PDC-10-1-75 PDC |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.005 MHz - 20 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 150 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.8 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 700 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.1 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.3 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.01 MHz - 35 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 750 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.9 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 250 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 1 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 10 MHz - 400 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 2.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 800 MHz - 900 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.5 dB INSERTION LOSS-MAX 6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz 0.2 MHz - 250 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.6 dB INSERTION LOSS-MAX
|
N.A. Mini-Circuits Stackpole Electronics, Inc.
|
10A015 |
1.5 W, 20 V, 1000 MHz common emitter transistor 1.5 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHZTECH[GHz Technology]
|
DS2000-309 DS2000-3 |
2000 Watts 12 V Distributed Power System
|
Emerson Network Power
|
SDR9400S20 SDR9400S10 SDR9400S15 |
400 AMPS 1000 ─ 2000 VOLTS 25 μsec STANDARD RECOVERY HIGH CURRENT RECTIFIER 400 AMPS 1000 Α 2000 VOLTS 25 レsec STANDARD RECOVERY HIGH CURRENT RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
ZA4PD-2 |
Power Splitter/Combiner 4 Way-0° 50Ω 1000 to 2000 MHz
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
SP1422 SP1422_BMS SP1422/BMS |
Telephony 1000 Watts Uninterruptible Power Supply
|
Murata Power Solutions Inc.
|
10A060 |
6 Watts, 20 Volts, Class A Linear to 1000 MHz
|
GHZTECH[GHz Technology]
|
SPI1000GCM |
1000 Watts ATX12V and EPS12V Switching Power Supply
|
Sparkle Power Inc.
|
HFA3-0002-5 HFA3-0002-9 HFA9P0002-5 HFA9P0002-9 HF |
Low Noise Wideband Operational Amplifier OP-AMP, 2000 uV OFFSET-MAX, 1000 MHz BAND WIDTH, CDIP8
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
1N5618U 1N5622U 1N5614U 1N5620U |
600 V rectifier 1.5 A forward current, 2000 ns recovery time 1000 V rectifier 1.5 A forward current, 2000 ns recovery time 200 V rectifier 1.5 A forward current, 2000 ns recovery time 800 V rectifier 1.5 A forward current, 2000 ns recovery time
|
Voltage Multipliers
|